Part Number Hot Search : 
74LVC1 TK15414 57160 91X154K 015LC NUB611T TE010 MC451
Product Description
Full Text Search
 

To Download MT9171 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ISO2-CMOS ST-BUSTM FAMILY MT9171/72 Digital Subscriber Interface Circuit Digital Network Interface Circuit
Features
* * * * * * * * * Full duplex transmission over a single twisted pair Selectable 80 or 160 kbit/s line rate Adaptive echo cancellation Up to 3km (9171) and 4 km (9172) ISDN compatible (2B+D) data format Transparent modem capability Frame synchronization and clock extraction MITEL ST-BUS compatible Low power (typically 50 mW), single 5V supply
ISSUE 1
May 1995
Ordering Information MT9171AE 22 Pin Plastic DIP MT9172AE 22 Pin Plastic DIP MT9172AC 22 Pin Ceramic DIP MT9171AN 24 Pin SSOP MT9172AN 24 Pin SSOP MT9171AP 28 Pin PLCC MT9172AP 28 Pin PLCC -40C to +85C a twisted wire pair. They use adaptive echocancelling techniques and transfer data in (2B+D) format compatible to the ISDN basic rate. Several modes of operation allow an easy interface to digital telecommunication networks including use as a high speed limited distance modem with data rates up to 160 kbit/s. Both devices function identically but with the DSIC having a shorter maximum loop reach specification. The generic "DNIC" will be used to reference both devices unless otherwise noted. The MT9171/72 is fabricated in Mitel's ISO2-CMOS process.
Applications
* * * * Digital subscriber lines High speed data transmission over twisted wires Digital PABX line cards and telephone sets 80 or 160 kbit/s single chip modem
Description
The MT9171 (DSIC) and MT9172 (DNIC) are multifunction devices capable of providing high speed, full duplex digital transmission up to 160 kbit/s over
DSTi/Di CDSTi/ CDi
Transmit Interface
Prescrambler
Scrambler
Differentially Encoded Biphase Transmitter
Transmit Filter & Line Driver
LOUT
F0/CLD C4/TCK F0o/RCK MS0 MS1 MS2 RegC
Control Register
Transmit Timing
VBias Address Echo Canceller Error Signal Echo Estimate -- DPLL MUX
LOUT DIS
Master Clock Phase Locked Transmit/ Clock Receive Timing & Control Sync Detect Status Receive
Precan
+
Receive Filter
-1 +2 LIN
OSC2 DSTo/Do CDSTo/ CDo Receive Interface DePrescrambler Descrambler Differentially Encoded Biphase Receiver
OSC1
VDD
VSS
VBias VRef
Figure 1 - Functional Block Diagram
9-133
MT9171/72
Advance Information
LOUT VBias VRef MS2 MS1 MS0 RegC F0/CLD CDSTi/CDi CDSTo/CDo VSS
1 2 3 4 5 6 7 8 9 10 11
22 21 20 19 18 17 16 15 14 13 12
VDD LIN TEST LOUT DIS Precan OSC1 OSC2 C4/TCK F0o/RCK DSTi/Di DSTo/Do
4 3 2 1 28 27 26 *
VRef VBias LOUT NC VDD LIN TEST
22 PIN PDIP/CERDIP LOUT VBias VRef MS2 MS1 MS0 RegC NC F0/CLD CDSTi/CDi CDSTo/CDo VSS 1 2 3 4 5 6 7 8 9 10 11 12 24 PIN SSOP 24 23 22 21 20 19 18 17 16 15 14 13 VDD LIN TEST LOUT DIS Precan OSC1 NC OSC2 C4/TCK F0o/RCK DSTi/Di DSTo/Do
Figure 2 - Pin Connections
Pin Description
Pin # 22 1 2 3 24 1 2 3 28 2 3 4 5,7, 8 9 10 Name LOUT VBias VRef Description Line Out. Transmit Signal output (Analog). Referenced to VBias. Internal Bias Voltage output. Connect via 0.33 F decoupling capacitor to VDD. Internal Reference Voltage output. Connect via 0.33 F decoupling capacitor to VDD.
4,5, 4,5, 6 6 7 8 7 9
MS2-MS0 Mode Select inputs (Digital). The logic levels present on these pins select the various operating modes for a particular application. See Table 1 for the operating modes. RegC F0/CLD Regulator Control output (Digital). A 512 kHz clock used for switch mode power supplies. Unused in MAS/MOD mode and should be left open circuit. Frame Pulse/C-Channel Load (Digital). In DN mode a 244 ns wide negative pulse input for the MASTER indicating the start of the active channel times of the device. Output for the SLAVE indicating the start of the active channel times of the device. Output in MOD mode providing a pulse indicating the start of the Cchannel. Control/Data ST-BUS In/Control/Data In (Digital). A 2.048 Mbit/s serial control & signalling input in DN mode. In MOD mode this is a continuous bit stream at the bit rate selected. Control/Data ST-BUS Out/Control/Data Out (Digital). A 2.048 Mbit/s serial control & signalling output in DN mode. In MOD mode this is a continuous bit stream at the bit rate selected.
9
10
12
CDSTi/ CDi CDSTo/ CDo
10
11
13
9-134
CDSTi/CDi CDSTo/CDo VSS DSTo/Do DSTi/Di F0o/RCK NC
12 13 14 15 16 17 18
MS2 NC MS1 MS0 RegC F0/CLD NC
5 6 7 8 9 10 11
25 24 23 22 21 20 19
NC LOUT DIS Precan OSC1 OSC2 NC C4/TCK
28 PIN PLCC
Advance Information
Pin Description (continued)
Pin # 22 11 12 13 14 24 12 13 14 15 28 14 15 16 17 Name VSS Negative Power Supply (0V). Description
MT9171/72
DSTo/Do Data ST-BUS Out/Data Out (Digital). A 2.048 Mbit/s serial PCM/data output in DN mode. In MOD mode this is a continuous bit stream at the bit rate selected. DSTi/Di Data ST-BUS In/Data In (Digital). A 2.048 Mbit/s serial PCM/data input in DN mode. In MOD mode this is a continuous bit stream at the bit rate selected.
F0o/RCK Frame Pulse Out/Receive Bit Rate Clock output (Digital). In DN mode a 244 ns wide negative pulse indicating the end of the active channel times of the device to allow daisy chaining. In MOD mode provides the receive bit rate clock to the system. C4/TCK Data Clock/Transmit Baud Rate Clock (Digital). A 4.096 MHz TTL compatible clock input for the MASTER and output for the SLAVE in DN mode. For MOD mode this pin provides the transmit bit rate clock to the system. Oscillator Output. CMOS Output. Oscillator Input. CMOS Input. D.C. couple signals to this pin. Refer to D.C. Electrical Characteristics for OSC1 input requirements. Precanceller Disable. When held to Logic '1', the internal path from LOUT to the precanceller is forced to VBias thus bypassing the precanceller section. When logic '0', the LOUT to the precanceller path is enabled and functions normally. An internal pulldown (50 k) is provided on this pin. No Connection. Leave open circuit
15
16
19
16 17 18
17 19 20
21 22 23
OSC2 OSC1 Precan
8, 18
1,6, 11, 18, 20, 25 24
NC
19
21
LOUT DIS LOUT Disable. When held to logic "1", LOUT is disabled (i.e., output = VBias). When logic "0", LOUT functions normally. An internal pulldown (50 k) is provided on this pin. TEST LIN VDD Test Pin. Connect to VSS. Receive Signal input (Analog). Positive Power Supply (+5V) input.
20 21 22
22 23 24
26 27 28
9-135
MT9171/72
Advance Information
F0
C4 DSTi
A AA AAAAA AAAAA A AA AAAAA A AA AAAAA B17 A AA AAAAA A AA AAAAA A AA AAAAA AAAAA AA AA A AAAA AA A AAAA AA A AAAA AA A B17 AAAA AA AA AAAA AA A AAAA A AAAA AA A AAAAAA AAAA
B16
B15
B14
B13
B12
B11
B10
AAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAA AAAA AAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAA AAAA AAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAA B17 AAAA AAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAA AAAA AAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAA AAAA AAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAA AAAA AAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAA AAAA AAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAA AAAA AAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAA AAAA AAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAA B17 AAAA AAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAA AAAA AAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAA AAAA AAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAA AAAA
DSTo
B16
B15
B14
B13
B12
B11
B10
F0o
Channel Time 0
Figure 3 - DV Port - 80 kbit/s (Modes 2, 3, 6)
F0
C4 DSTi
AA AA AAAAAA AA AAAA AA AAAAAA AA AA AAAAAA B17 B16 B15 B14 AA AAAA AA AA AAAAAA AA AAAAAA AAAA AA AA AAAAAA AAAAAA AA AAAA AA AA AAAAAA B17 B16 B15 B14 AA AAAA AA AA AAAAAA AA AAAAAA AAAA AAAAAAAAA AAA AAAA AAAAAAAAAAAAAAAA AA AAAAAAAAA AAA AAAA AAAAAAAAAAAAAAAA AA AAAA AA B13 B12 B11 B10AAAAAAAAA AAA B27 B26 B25 B24 B23 B22 B21 B20AAAAAAAAAAAAAAAA B17 AAAAAAAAA AAA AAAA AAAAAAAAAAAAAAAA AA AAAAAAAAA AAA AAAAAAA AAAAAAAAAAAAAAAA AA AAAAAAAAA AAAA AAAAAAAAAAAAAAAA AA AAAAAAAAA AAA AAAA AAAAAAAAAAAAAAAA AA AAAAAAAAA AAA AAAA AAAAAAAAAAAAAAAA AA AAAA AA B13 B12 B11 B10AAAAAAAAA AAA B27 B26 B25 B24 B23 B22 B21 B20AAAAAAAAAAAAAAAA B17 AAAAAAAAA AAA AAAA AAAAAAAAAAAAAAAA AA AAAAAAAAA AAA AAAAAAA AAAAAAAAAAAAAAAA AA AAAAAAAAA AAAA AAAAAAAAAAAAAAAA AA
DSTo
F0o Channel Time 0 Channel Time 16
Figure 4 - DV Port - 160 kbit/s (Modes 2, 3, 6)
9-136
Advance Information
Functional Description
The MT9171/72 is a device which has been designed primarily as an interface for the Integrated Services Digital Network (ISDN). However, it may be used in practically any application that requires high speed data transmission over two wires, including smart telephone sets, workstations, data terminals and computers. In the ISDN, the DNIC is ideal for providing the interface at the U reference point. The device supports the 2B+D channel format (two 64 kbit/s Bchannels and one 16 kbit/s D-channel) over two wires as recommended by the CCITT. The line data is converted to and from the ST-BUS format on the system side of the network to allow for easy interfacing with other components such as the Sinterface device in an NT1 arrangement, or to digital PABX components. Smart telephone sets with data and voice capability can be easily implemented using the MT9171/72 as a line interface. The device's high bandwidth and long loop length capability allows its use in a wide variety of sets. This can be extended to provide full data and voice capability to the private subscriber by the installation of equipment in both the home and central office or remote concentration equipment. Within the subscriber equipment the MT9171/72 would terminate the line and encode/ decode the data and voice for transmission while additional electronics could provide interfaces for a standard telephone set and any number of data ports supporting standard data rates for such things as computer communications and telemetry for remote meter reading. Digital workstations with a high degree of networking capability can be designed using the DNIC for the line interface, offering up to 160 kbit/s data transmission over existing telephone lines. The MT9171/72 could also be valuable within existing computer networks for connecting a large number of terminals to a computer or for intercomputer links. The highest data rates existing for terminal to computer links is 19.2 kbit/s over conventional analog modems. With the DNIC, this can be increased up to 160 kbit/s at a very low cost per line for terminal to computer links and in many cases this bandwidth would be sufficient for computer to computer links. Figure 1 shows the block diagram of the MT9171/72. The DNIC provides a bidirectional interface between the DV (data/voice) port and a full duplex line operating at 80 or 160 kbit/s over a single pair of twisted wires. The DNIC has three serial ports. The DV port (DSTi/Di, DSTo/Do), the CD (control/data) port (CDSTi/CDi, CDSTo/CDo) and a line port (LIN,
MT9171/72
LOUT). The data on the line is made up of information from the DV and CD ports. The DNIC must combine information received from both the DV and CD ports and put it onto the line. At the same time, the data received from the line must be split into the various channels and directed to the proper ports. The usable data rates are 72 and 144 kbit/s as required for the basic rate interface in ISDN. Full duplex transmission is made possible through on board adaptive echo cancellation. The DNIC has various modes of operation which are selected through the mode select pins MS0-2. The two major modes of operation are the MODEM (MOD) and DIGITAL NETWORK (DN) modes. MOD mode is a transparent 80 or 160 kbit/s modem. In DN mode the line carries the B and D channels formatted for the ISDN at either 80 or 160 kbit/s. In the DN mode the DV and CD ports are standard STBUS and in MOD mode they are transparent serial data streams at 80 or 160 kbit/s. Other modes include: MASTER (MAS) or SLAVE (SLV) mode, where the timebase and frame synchronization are provided externally or are extracted from the line and DUAL or SINGLE (SINGL) port modes, where both the DV and CD ports are active or where the CD port is inactive and all information is passed through the DV port. For a detailed description of the modes see "Operating Modes" section. In DIGITAL NETWORK (DN) mode there are three channels transferred by the DV and CD ports. They are the B, C and D channels. The B1 and B2 channels each have a bandwidth of 64 kbit/s and are used for carrying PCM encoded voice or data. These channels are always transmitted and received through the DV port (Figures 3, 4, 5, 6). The Cchannel, having a bandwidth of 64 kbit/s, provides a means for the system to control the DNIC and for the DNIC to pass status information back to the system. The C-channel has a Housekeeping (HK) bit which is the only bit of the C-channel transmitted and received on the line. The 2B+D channel bits and the HK bit are double-buffered. The D-channel can be transmitted or received on the line with either an 8, 16 or 64 kbit/s bandwidth depending on the DNIC's mode of operation. Both the HK bit and the Dchannel can be used for end-to-end signalling or low speed data transfer. In DUAL port mode the C and D channels are accessed via the CD port (Figure 7) while in SINGL port mode they are transferred through the DV port (Figures 5, 6) along with the B1 and B2 channels.
9-137
MT9171/72
Advance Information
D0
D0
D0
D0 D1 D2 D3 D4 D5 D6 D7 C0 C1 C2 C3 C4 C5 C6 C7 B7 B6 B5 B4 B3 B2 B1 B0 B7 B6 B5 B4 B3 B2 B1 B0
D0 D1 D2 D3 D4 D5 D6 D7 C0 C1 C2 C3 C4 C5 C6 C7 B7 B6 B5 B4 B3 B2 B1 B0 B7 B6 B5 B4 B3 B2 B1 B0
D0 D1 D2 D3 D4 D5 D6 D7 C0 C1 C2 C3 C4 C5 C6 C7 B7 B6 B5 B4 B3 B2 B1 B0
D0 D1 D2 D3 D4 D5 D6 D7 C0 C1 C2 C3 C4 C5 C6 C7 B7 B6 B5 B4 B3 B2 B1 B0
Channel Time 1 C-Channel
AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA
AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA
Channel Time 0 D-Channel
AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA
AAAAAA AAAAAA AAAAAA AAAAAA AAAAAA AAAAAA
C4
F0
DSTi
9-138
DSTo
DSTo
DSTi
F0o
F0o
C4
F0
Channel Time 0 D-Channel
Channel Time 1 C-Channel
Figure 6 - DV Port - 160 kbit/s (Modes 0,4)
Figure 5 - DV Port - 80 kbit/s (Modes 0,4)
AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA
AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA
AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA AAAAA
AAAAAA AAAAAA AAAAAA AAAAAA AAAAAA AAAAAA AAAAAA AAAAAA AAAAAA AAAAAA AAAAAA AAAAAA AAAAAA AAAAAA AAAAAA AAAAAA AAAAAA AAAAAA
D0
Channel Time 2 B1-Channel
11.7 sec
15.6 sec
Channel Time 2 B1-Channel
Channel Time 3 B2-Channel
Advance Information
In DIGITAL NETWORK (DN) mode, upon entering the DNIC from the DV and CD ports, the B-channel data, D-channel D0 (and D1 for 160 kbit/s), the HK bit of the C-channel (160kbit/s only) and a SYNC bit are combined in a serial format to be sent out on the line by the Transmit Interface (Figures 11, 12). The SYNC bit produces an alternating 1-0 pattern each frame in order for the remote end to extract the frame alignment from the line. It is possible for the remote end to lock on to a data bit pattern which simulates this alternating 1-0 pattern that is not the true SYNC. To decrease the probability of this happening the DNIC may be programmed to put the data through a prescrambler that scrambles the data according to a predetermined polynomial with respect to the SYNC bit. This greatly decreases the probability that the SYNC pattern can be reproduced by any data on the line. In order for the echo canceller to function correctly, a dedicated scrambler is used with a scrambling algorithm which is different for the SLV and MAS modes. These algorithms are calculated in such a way as to provide orthogonality between the
MT9171/72
near and far end data streams such that the correlation between the two signals is very low. For any two DNICs on a link, one must be in SLV mode with the other in MAS mode. The scrambled data is differentially encoded which serves to make the data on the line polarity-independent. It is then biphase encoded as shown in Figure 10. See "Line Interface" section for more details on the encoding. Before leaving the DNIC the differentially encoded biphase data is passed through a pulse-shaping bandpass transmit filter that filters out the high and low frequency components and conditions the signal for transmission on the line. The composite transmit and receive signal is received at LIN. On entering the DNIC this signal passes through a Precanceller which is a summing amplifier and lowpass filter that partially cancels the near-end signal and provides first order antialiasing for the received signal. Internal, partial cancellation
F0
C4
A AA AAAAAA AAAAA AAAAAAAAAAA AAAAAAAA AAAAAAAAAAAAAAAAAAAAA AAAA AA AAAAAAAAAAAAA AAAAAAAAAA A AAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAA AA AA AAAAA A AA AAAAAAAAAAA AAAAAAAA AAAA AA A AAAAAAAAAAAAA AAAAAAAAA AAAA AAAAAAAA AA A AAAA AA A AA AAAA AA A AAAAAAAAAAAAA AA AA CDSTo AAAAA C0 C1 C2 C3 C 4 C5 C6 C7 AAAAAAAAAAA AAAAAAAA D0 D1 D2 D3 D4 D5 D6 D7 AAAAAAAAAAAAAAAAAAAAAAAA C0 A AA AAAAA AAAAAAAAAAA AAAAAAAA AAAA AA A AAAAAAAAAAAAA AAAAAAAAA AAAA AAAAAAAA AA A AAAA AA A AA AAAAA AAAAAAAAAAA AAAAAAAA AAAAAAAAAAAA AA A AAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAA AA AAAAAAAA A AAAAAAAAA AA A AA AAAAA AAAAA AAAAAAAAAAA AAAA AA A AAAAAAAAAAAAAAAA AAAA AA A AA A AA AA AAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAA AA AA AAAAA AAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAA A AA AAAAA AAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAA AA A AAAAAAAAAAAAA AAAAAAAAAA AAAAAAAAAAAAA AA A AAAAAAAAAA AAAAAAAAAAAA A AA AA A AAAAAAAAAAAAA AA AAAAA AAAAAAAAAAA AAAAAAAA AAAA AAAAAAAAAAAAAAAAAAAAAAAA A A AA AAAA AA A AAAAAAAAAAAAA AA A AAAAAAAAA AA CDSTi AAAAA C0 C1 C2 C3 C 4 C5 C6 C7 AAAAAAAAAAA AAAAAAAA D0 D1 D2 D3 D4 D5 D6 D7 AAAAAAAAAAAAAAAAAAAAAAAA C0 A AA AA A AAAA AA AA AAAAA AAAAAAAAAAA AAAAAAAA AAAA AAAAAAAAAAAAAAAAAAAAAAAA A AA AAAAA AAAAAAAAAAA AAAAAAAA AAAA AA A AAAAAAAAAAAAA AAAAAAAAA AAAAAAAAAAAAA AA A AA A AA AAAAA AAAAAAAAAAA AAAAAAAA AAAA AA AAAAAAAAAAAAAAAAAAAAAAAA A AAAA AA AA
F0o 3.9 sec 62.5 sec 125 sec
Channel Time 0
Channel Time 16
Figure 7 - CD Port (Modes 2,6)
CLD
TCK
CDi
C6
C7
C0
C1
C2
C3
C4
C5
C6
C7
C0
C1
CDo
C6
C7
C0
C1
C2
C3
C4
C5
C6
C7
C0
C1
Figure 8 - CD Port (Modes 1,5)
9-139
MT9171/72
of the near end signal may be disabled by holding the Precan pin high. This mode simplifies the design of external line transceivers used for loop extension applications. The Precan pin features an internal pull-down which allows this pin to be left unconnected in applications where this function is not required. The resultant signal passes through a receive filter to bandlimit and equalize it. At this point, the echo estimate from the echo canceller is subtracted from the precancelled received signal. This difference signal is then input to the echo canceller as an error signal and also squared up by a comparator and passed to the biphase receiver. Within the echo canceller, the sign of this error signal is determined. Depending on the sign, the echo estimate is either incremented or decremented and this new estimate is stored back in RAM. The timebase in both SLV and MAS modes (generated internally in SLV mode and externally in MAS mode) is phase-locked to the received data stream. This phase-locked clock operates the Biphase Decoder, Descrambler and Deprescrambler in MAS mode and the entire chip in SLV mode. The Biphase Decoder decodes the received encoded bit stream resulting in the original NRZ data which is passed onto the Descrambler and Deprescrambler where the data is restored to its original content by performing the reverse polynomials. The SYNC bits are extracted and the Receive Interface separates the channels and outputs them to the proper ports in the proper channel times. The destination of the various channels is the same as that received on the input DV and CD ports. The Transmit/Receive Timing and Control block generates all the clocks for the transmit and receive functions and controls the entire chip according to the control register. In order that more than one DNIC may be connected to the same DV and CD ports an F0o signal is generated which signals the next device in a daisy chain that its channel times are now active. In this arrangement only Mode Select Pins MS2 0 0 0 0 1 1 1 1 MS1 0 0 1 1 0 0 1 1 MS0 0 1 0 1 0 1 0 1 Mode 0 1 2 3 4 5 6 7 E E E E E E E Table 1. Mode Select Pins
E=Enabled X=Not Applicable Blanks are disabled 9-140
Advance Information
the first DNIC in the chain receives the system F0 with the following devices receiving its predecessor's F0o. In MOD mode, all the ports have a different format. The line port again operates at 80 or 160 kbit/s, however, there is no synchronization overhead, only transparent data. The DV and CD ports carry serial data at 80 or 160 kbit/s with the DV port transferring all the data for the line and the CD port carrying the C-channel only. In this mode the transfer of data at both ports is synchronized to the TCK and RCK clocks for transmit and receive data, respectively. The CLD signal goes low to indicate the start of the C-channel data on the CD port. It is used to load and latch the input and output C-channel but has no relationship to the data on the DV port. Operating Modes (MS0-2) The logic levels present on the mode select pins MS0, MS1 and MS2 program the DNIC for different operating modes and configure the DV and CD ports accordingly. Table 1 shows the modes corresponding to the state of MS0-2. These pins select the DNIC to operate as a MASTER or SLAVE, in DUAL or SINGLE port operation, in MODEM or DIGITAL NETWORK mode and the order of the C and D channels on the CD port. Table 2 provides a description of each mode and Table 3 gives a pin configuration according to the mode selected for all pins that have variable functions. These functions vary depending on whether it is in MAS or SLV, and whether DN or MOD mode is used. The overall mode of operation of the DNIC can be programmed to be either a baseband modem (MOD mode) or a digital network transceiver (DN mode). As a baseband modem, transmit/receive data is passed transparently through the device at 80 Operating Mode SLV MAS E E E E E E E E E E E E DUAL SINGL E E E E E E E X X E MOD DN E D-C E X X E C-D ODE E E E E E E E
Advance Information
or 160 kbit/s by the DV port. The CD port transfers the C-channel and D-Channel also at 80 or 160 kbit/s. In DN mode, both the DV and CD ports operate as ST-BUS streams at 2.048 Mbit/s. The DV port transfers data over pins DSTi and DSTo while on the CD port, the CDSTi and CDSTo pins are used. The SINGL port option only exists in DN mode. In MOD mode, DUAL port operation must be used and the D, B1 and B2 channel designations no longer exist. The selection of SLV or MAS will determine which of the DNICs is using the externally Mode SLV
MT9171/72
supplied clock and which is phase locking to the data on the line. Due to jitter and end to end delay, one end must be the master to generate all the timing for the link and the other must extract the timing from the receive data and synchronize itself to this timing in order to recover the synchronous data. DUAL port mode allows the user to use two separate serial busses: the DV port for PCM/data (B channels) and the CD port for control and signalling information (C and D channels). In the SINGL port mode, all four channels are concatenated into one serial stream and input to the DNIC via the DV port. The order of the C and D channels may be changed only in DN/ DUAL mode. The DNIC may be configured to Function
SLAVE - The chip timebase is extracted from the received line data and the external 10.24 MHz crystal is phase locked to it to provide clocks for the entire device and are output for the external system to synchronize to. MASTER - The timebase is derived from the externally supplied data clocks and 10.24 MHz clock which must be frequency locked. The transmit data is synchronized to the system timing with the receive data recovered by a clock extracted from the receive data and resynchronized to the system timing. DUAL PORT - Both the CD and DV ports are active with the CD port transferring the C&D channels and the DV port transferring the B1& B2 channels. SINGLE PORT - The B1& B2, C and D channels are all transferred through the DV port. The CD port is disabled and CDSTi should be pulled high. MODEM - Baseband operation at 80 or 160 kbits/s. The line data is received and transmitted through the DV port at the baud rate selected. The C-channel is transferred through the CD port also at the baud rate and is synchronized to the CLD output. DIGITAL NETWORK - Intended for use in the digital network with the DV and CD ports operating at 2.048 Mbits/s and the line at 80 or 160 kbits/s configured according to the applicable ISDN recommendation.
MAS
DUAL SINGL MOD
DN D-C C-D ODE
- The D-channel is transferred before the C-channel following F0. C BEFORE D-CHANNEL - The C-channel is transferred before the D-channel following F0. OUTPUT DATA ENABLE - When mode 7 is selected, the DV and CD ports are put in high
D BEFORE C-CHANNEL impedance state. This is intended for power-up reset to avoid bus contention and possible damage to the device during the initial random state in a daisy chain configuration of DNICs. In all the other modes of operation DV and CD ports are enabled during the appropriate channel times. Table 2. Mode Definitions
Mode # 0 1 2 3 4 5 6 7
F0/CLD Name F0 CLD F0 F0 F0 CLD F0 F0 Input/Output Input Output Input Input Output Output Output Input Name F0o RCK F0o F0o F0o RCK F0o
F0o/RCK Input/Output Output Output Output Output Output Output Output Name C4 TCK C4 C4 C4 TCK C4 C4
C4/TCK Input/Output Input Output Input Input Output Output Output Input
F0o Output Table 3. Pin Configurations
9-141
MT9171/72
transfer the D-channel in channel 0 and the Cchannel in channel 16 or vice versa. One other feature exists; ODE, where both the DV and CD ports are tristated in order that no devices are damaged due to excessive loading while all DNICs are in a random state on power up in a daisy chain arrangement. DV Port (DSTi/Di, DSTo/Do) The DV port transfers data or PCM encoded voice to and from the line according to the particular mode selected by the mode select pins. The modes affecting the configuration of the DV port are MOD or DN and DUAL or SINGL. In DN mode the DV port operates as an ST-BUS at 2.048 Mbit/s with 32, 8 bit channels per frame as shown in Figure 9. In this mode the DV port channel configuration depends upon whether DUAL or SINGL port is selected. When DUAL port mode is used, the C and D channels are passed through the CD port and the B1 and B2 channels are passed through the DV port. At 80 kbit/s only one channel of the available 32 at the DV port is utilized, this being channel 0 which carries the B1-channel. This is shown in Figure 3. At 160 kbit/s, two channels are used, these being 0 and 16 carrying the B1 and B2 channels, respectively. This is shown in Figure 4. When SINGL port mode is used, channels B1, B2, C and D are all passed via the DV port and the CD port is disabled. See CD port description for an explanation of the C and D channels. The D-channel is always passed during channel time 0 followed by the C and B1 channels in channel times 1 and 2, respectively for 80 kbit/s. See Figure 5. For 160 kbit/s the B2 channel is added and occupies channel time 3 of the DV port. See Figure 6. For all of the various configurations the bit orders are shown by the respective diagram. In MOD mode the DV and CD ports no longer operate at 2.048 Mbits/s but are continuous serial bit streams operating at the bit rate selected of 80 or 160 kbit/s.
Advance Information
While in the MOD mode only DUAL port operation can be used. In order for more than one DNIC to be connected to any one DV and CD port, making more efficient use of the busses, the DSTo and CDSTo outputs are put into high impedance during the inactive channel times of the DNIC. This allows additional DNICs to be cascaded onto the same DV and CD ports. When used in this way a signal called F0o is used as an indication to the next DNIC in a daisy chain that its channel time is now active. Only the first DNIC in the chain receives the system frame pulse and all others receive the F0o from its predecessor in the chain. This allows up to 16 DNICs to be cascaded. CD Port (CDSTi/CDi, CDSTo/CDo) The CD port is a serial bidirectional port used only in DUAL port mode. It is a means by which the DNIC receives its control information for things such as setting the bit rate, enabling internal loopback tests, sending status information back to the system and transferring low speed signalling data to and from the line. The CD port is composed of the C and D-Channels. The C-channel is used for transferring control and status information between the DNIC and the system. The D-channel is used for sending and receiving signalling information and lower speed data between the line and the system. In DN/DUAL mode the DNIC receives a C-channel on CDSTi while transmitting a C-channel on CDSTo. Fifteen channel times later (halfway through the frame) a Dchannel is received on CDSTi while a D-channel is transmitted on CDSTo. This is shown in Figure 7. The order of the C and D bytes in DUAL port mode can be reversed by the mode select pins. See Table 1 for a listing of the byte orientations. The D-channel exists only in DN mode and may be used for transferring low speed data or signalling
F0 125 sec ST-BUS Channel 31 Channel 0 Channel 1 Channel 2
********
Channel 29
Channel 30
Channel 31
Channel 0
Most Significant Bit (First)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Least Significant Bit (Last)
3.9 sec
Figure 9 - ST-BUS Format
9-142
Advance Information
information over the line at 8, 16 or 64 kbit/s (by using the DINB feature). The information passes transparently through the DNIC and is transmitted to or received from the line at the bit rate selected in the Control Register. If the bit rate is 80 kbit/s, only D0 is transmitted and received. At 160 kbit/s, D0 and D1 are transmitted and received. When the DINB bit is set in the Control Register the entire D-channel is transmitted and received in the B1-channel timeslot. The C-channel is used for transferring control and status information between the DNIC and the system. The Control and Diagnostics Registers are accessed through the C-channel. They contain information to control the DNIC and carry out the diagnostics as well as the HK bit to be transmitted on the line as described in Tables 4 and 5. Bits 0 and 1 of the C-channel select between the Control and
MT9171/72
Diagnostics Register. If these bits are 0, 0 then the C-channel information is written to the Control Register (Table 4). If they are 0, 1 the C-channel is written to the Diagnostics Register (Table 5). The Diagnostics Register Reset bit (bit 2) of the Control Register determines the reset state of the Diagnostics Register. If, on writing to the Control Register, this bit is set to logic "0", the Diagnostics Register will be reset coincident with the frame pulse. When this bit is logic "1", the Diagnostics Register will not be reset. In order to use the diagnostic features, the Diagnostics Register must be continuously written to. The output C-channel sends status information from the Status Register to the system along with the received HK bit as shown in Table 6. In MOD mode, the CD port is no longer an ST-BUS but is a serial bit stream operating at the bit rate
bit 0 Reg Sel-1
bit 1 Reg Sel-2
bit 2 DRR
bit 3 BRS
bit 4 DINB
bit 5 PSEN
bit 6 ATTACK
bit 7 TxHK
Default Mode Selection (Refer to Table 4a)
Bit 0 1 2
Name Reg Sel-1 Reg Sel-2 DRR
Description Register Select-1. Must be set to '0' to select the Control Register. Register Select-2. Must be set to '0' to select the Control Register. Diagnostics Register Reset. Writing a "0" to this bit will cause a diagnostics register reset to occur coincident with the next frame pulse as in the MT8972A. When this bit is a logic "1", the Diagnostics Register will not be reset. Bit Rate Select. When set to '0' selects 80 kbit/s. When set to '1', selects 160 kbit/s. D-Channel in B Timeslot. When '0', the D-channel bits (D0 or D0 and D1) corresponding to the selected bit rate (80 or 160 kbit/s) are transmitted during the normal D-channel bit times. When set to '1', the entire D-channel (D0-D7) is transmitted during the B1-channel timeslot on the line providing a 64 kbit/s D-channel link. Prescrambler/Deprescrambler Enable. When set to '1', the data prescrambler and deprescrambler are enabled. When set to '0', the data prescrambler and deprescrambler are disabled. Convergence Speedup. When set to '1', the echo canceller will converge to the reflection coefficient much faster. Used on power-up for fast convergence. When '0', the echo canceller will require the normal amount of time to converge to a reflection coefficient. Transmit Housekeeping. When set to '0', logic zero is transmitted over the line as Housekeeping Bit. When set to '1', logic one is transmitted over the line as Housekeeping Bit. Table 4. Control Register
3 4
BRS DINB
5
PSEN
6
ATTACK
7
TxHK
Notes: Suggested use of ATTACK: -At 160 kbit/s full convergence requires 850 ms with ATTACK held high for the first 240 frames or 30 ms. -At 80 kbit/s full convergence requires 1.75 s with ATTACK held high for the first 480 frames or 60 ms. When bits 4-7 of the Control Register are all set to one, the DNIC operates in one of the default modes as defined in Table 4a, depending upon the status of bit-3. 9-143
MT9171/72
C-Channel (Bit 0-7) XXX01111 Internal Control Register 00000000 Internal Diagnostic Register 01000000
Advance Information
Description Default Mode-1: Bit rate is 80 kbit/s. ATTACK, PSEN, DINB, DRR and all diagnostics are disabled. TxHK=0.
XXX11111
00010000
Default Mode-2 Bit rate is 160 kbit/s. ATTACK, PSEN, DINB, DRR and all diagnostics are disabled. TxHK=0. Table 4a. Default Mode Selection 01000000
Notes: Default Mode 1 can also be selected by tying CDSTi/CDi pin low when DNIC is operating in dual mode. Default Mode 2 can also be selected by tying CDSTi/CDi pin high when DNIC is operating in dual mode.
bit 0 Reg Sel-1
bit 1 Reg Sel-2
bit 2 Loopback
bit 3
bit 4 FUN
bit 5 PSWAP
bit 6 DLO
bit 7 Not Used
Default Mode Selection (Refer to Table 4a)
Bit 0 1 2,3
Name Reg Sel-1 Reg Sel-2 Loopback
Description Register Select-1. Must be set to '0' to select the Diagnostic Register. Register Select-2. Must be set to '1' to select the Diagnostic Register. Bit 2 0 0 1 1 Bit 3 0 1 0 1 All loopback testing functions disabled. Normal operation. DSTi internally looped back into DSTo for system diagnostics. LOUT is internally looped back into LIN for system diagnostics. DSTo is internally looped back into DSTi for end-to-end testing.
4 5
FUN PSWAP
Force Unsync. When set to '1', the DNIC is forced out-of-sync to test the SYNC recovery circuitry. When set to '0', the operation continues in synchronization. Polynomial Swap. When set to '1', the scrambling and descrambling polynomials are interchanged (use for MAS mode only). When set to '0', the polynomials retain their normal designations. Disable Line Out. When set to '1', the signal on LOUT is set set to VBias. When set to '0', LOUT pin functions normally. Must be set to '0' for normal operation. Table 5. Diagnostic Register
6 7
DLO Not Used
Notes: When bits 4-7 of the Diagnostic Register are all set to one, the DNIC operates in one of the default modes as defined in Table 4a, depending upon the status of bit-3. Do not use L OUT to L IN loopback in DN/SLV mode. Do not use DSTo to DSTi loopback in MOD/MAS mode.
selected. It continues to transfer the C-channel but the D-channel and the HK bit no longer exist. DUAL port operation must be used in MOD mode. The Cchannel is clocked in and out of the CD port by TCK and CLD with TCK defining the bits and CLD the channel boundaries of the data stream as shown in Figure 8.
Line Port (L IN, L OUT ) The line interface is made up of L OUT and L IN with LOUT driving the transmit signal onto the line and L IN receiving the composite transmit and receive signal from the line. The line code used in the DNIC is Biphase and is shown in Figure 10. The scrambled NRZ data is differentially encoded meaning the previous differential encoded output is XOR'd with the current data bit which produces the current output. This is then biphase encoded where
9-144
Advance Information
MT9171/72
0
1
2
3
4
5
6
7
SYNC
CHQual
Rx HK
Future Functionality
ID
Status Register 0 1-2 3 4-6 7
Name SYNC CHQual Rx HK Future ID
Function Synchronization - When set this bit indicates that synchronization to the received line data sync pattern has been acquired. For DN mode only. Channel Quality - These bits provide an estimate of the receiver's margin against noise. The farther this 2 bit value is from 0 the better the SNR. Housekeeping - This bit is the received housekeeping (HK) bit from the far end. Future Functionality. These bits return Logic 1 when read. This bit provides a hardware identifier for the DNIC revision. The MT9171/72 will return a logic "0" for this bit. (Logic "1" returned for MT8972A.) Table 6. Status Register
transitions occur midway through the bit cell with a negative going transition indicating a logic "0" and a positive going transition indicating a logic "1". There are some major reasons for using a biphase line code. The power density is concentrated in a spectral region that minimizes dispersion and differential attenuation. This can shorten the line response and reduce the intersymbol interference which are critical for adaptive echo cancellation. There are regular zero crossings halfway through every bit cell or baud which allows simple clock extraction at the receiving end. There is no D.C. content in the code so that phantom power feed may be applied to the line and simple transformer coupling may be used with no effect on the data. It is bipolar, making data reception simple and providing a high signal to noise ratio. The signal is then passed through a bandpass filter which conditions the signal for the line by limiting the spectral content from 0.2f Baud to 1.6f Baud and on to a line driver where it is made available to be put onto the line biased at VBias. The resulting transmit signal will have a distributed spectrum with a peak at 3/4fBaud. The transmit signal (L OUT) may be disabled by holding the LOUT DIS pin high or by writing DLO (bit 6) of the Diagnostics Register to logic "1". When disabled, LOUT is forced to the VBias level. LOUT DIS has an internal pull-down to allow this pin to be left not connected in applications where this function is not required. The receive signal is the above transmit signal superimposed on the signal from the remote end and any reflections or delayed symbols of the near end signal.
The frame format of the transmit data on the line is shown in Figures 11 and 12 for the DN mode at 80 and 160 kbit/s. At 80 kbit/s a SYNC bit for frame recovery, one bit of the D-channel and the B1channel are transmitted. At 160 kbit/s a SYNC bit, the HK bit, two bits of the D-channel and both B1 and B2 channels are transmitted. If the DINB bit of the Control Register is set, the entire D-channel is transmitted during the B1channel timeslot. In MOD mode the SYNC, HK and D-channel bits are not transmitted or received but rather a continuous data stream at 80 or 160 kbit/s is present. No frame recovery information is present on the line in MOD mode.
9-145
MT9171/72
Advance Information
Bits
Data
NRZ Data
Differential Encoded
Differential Encoded Biphase
Transmit Line Signal
AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA
Bit 7
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Bit 6
AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA
Bit 5
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Bit 4
AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA
Bit 3
1
1
1
0
0
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Bit 2
AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA
Bit 1
AA A AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA
Bit 0
AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AA AAVBias AA AA AA AA AA AA AA AA AA AA
1
0
0
Note:
Last bit sent was a logic 0
Figure 10 - Data & Line Encoding
F0
LOUT
B17
SYNC
D0
B10
B11
B12
B13
B14
B15
B16
B17
SYNC
Figure 11 - Frame Format - 80 kbit/s (Modes 0, 2, 3, 4, 6)
F0
LOUT
SYNC HK0
D1
D0
B10 B11 B12 B13 B14 B15 B16 B17 B20 B21 B22 B23 B24 B25 B26 B27 SYNC
Figure 12 - Frame Format - 160 kbit/s (Modes 0, 2, 3, 4, 6)
9-146
Advance Information
Applications
Typical connection diagrams are shown in Figures 13 and 14 for the DN mode as a MASTER and SLAVE, respectively. LOUT is connected to the coupling transformer through a resistor R2 and capacitors C2 and C2' to match the line characteristic impedance. Suggested values of R2, C2 and C2' for 80 and 160 kbit/s operation are provided in Figures 13 and 14. Overvoltage protection is provided by R1, D1 and D2. C1 is present to properly bias the received line signal for the LIN input. A 2:1 coupling transformer is used to couple to the line with a secondary center tap for optional phantom power feed. Varistors have been shown for surge protection against such things as lightning strikes.
MT9171/72
If the scramblers power up with all zeros in them, they are not capable of randomizing all-zeros data sequence. This increases the correlation between the transmit and receive data which may cause loss of convergence in the echo canceller and high bit error rates. In DN mode the insertion of the SYNC pattern will provide enough pseudo-random activity to maintain convergence. In MOD mode the SYNC pattern is not inserted. For this reason, at least on "1" must be fed into the DNIC on power up to ensure that the scramblers will randomize any subsequent all-zeros sequence.
C2' = 1.5 nF MT9171/72 DV Port ST-BUS CD Port ST-BUS Master Clocks Mode Select Lines +5V 0.33 F +5V C2 = 22 nF LOUT R2 = 390 R1 = 47 LIN OSC1 OSC2 F0o D.C. coupled, Frequency locked 10.24 MHz clock. NC Refer to AC Electrical Characteristics Clock Timing C1 = 0.33 F DN Mode. D2 2:1 D1 = D2 = MUR405 DSTi DSTo CDSTi CDSTo F0 C4 MS0 MS1 MS2 VRef VBias
For 80 kbit/s: C2' = 3.3 nF
{ { {
Line Feed Voltage 1.0 F
68 Volts (Typ) 2.5 Joules 0.02 Watt
0.33 F
To Next DNIC
Note: Low leakage diodes (1 & 2) are required so that the DC voltage at LIN VBias
Figure 13 - Typical Connection Diagram - MAS/DN Mode, 160 kbit/s
C2' = 1.5 nF MT9171/72 DV Port ST-BUS CD Port ST-BUS Master Clocks Mode Select Lines +5V 0.33 F +5V C2 = 22 nF LOUT R2 = 390 R1 = 47 LIN OSC1 10.24 MHz XTAL OSC2 C3=33pF=C4 C1 = 0.33 F 1.0 F Supply 68 Volts (Typ) 2.5 Joules 0.02 Watt D2 2:1 D1 = D2 = MUR405 For 80 kbit/s: C2' = 3.3 nF
{ { {
DSTi DSTo CDSTi CDSTo F0 C4 MS0 MS1 MS2 VRef VBias
0.33 F
Note: Low leakage diodes (1 & 2) are required so that the DC voltage at LIN VBias
Figure 14 - Typical Connection Diagram - SLV/DN Mode, 160 kbit/s
9-147
MT9171/72
Absolute Maximum Ratings**
Parameter 1 2 3 4 5 Supply Voltage Voltage on any pin (other than supply) Current on any pin (other than supply) Storage Temperature Package Power Dissipation (Derate 16mW/C above 75C)
Advance Information
- Voltages are with respect to ground (VSS) unless otherwise stated.
Symbol VDD VMax IMax TST PDiss
Min -0.3 -0.3
Max 7 VDD+0.3 40
Units V V mA C mW
-65
+150 750
** Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
Recommended Operating Conditions - Voltages are with respect to ground (VSS ) unless otherwise stated.
Characteristics 1 2 3 4 Operating Supply Voltage Operating Temperature Input High Voltage (except OSC1) Input Low Voltage (except OSC1) Sym VDD TOP VIH VIL Min 4.75 -40 2.4 0 Typ* 5.00 Max 5.25 +85 VDD 0.4 Units V C V V for 400 mV noise margin for 400 mV noise margin Test Conditions
* Typical figures are at 25C and are for design aid only: not guaranteed and not subject to production testing. Parameters over recommended temperature & power supply voltage ranges.
DC Electrical Characteristics
Characteristics 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 I N P U T S O U T P U T S Operating Supply Current
- Voltages are with respect to ground (VSS) unless otherwise stated.
Sym IDD VOH IOH IOH VOL IOL IOL IOZ VO
Min
Typ* 10
Max
Units mA V mA
A
Test Conditions
Output High Voltage (ex OSC2) Output High Current (except OSC2) Output High Current - OSC2 Output Low Voltage (ex OSC2) Output Low Current (except OSC2) Output Low Current - OSC2 High Imped. Output Leakage Output Voltage (VRef) (VBias)
2.4 10 10 0.4 5 10 10
VBias-1.8
IOH=10mA Source current. VOH=2.4V Source current VOH=3.5V IOL=5mA Sink current. VOL=0.4V Sink current. VOL=1.5V VIN=VSS to VDD
V mA
A A
7.5
VDD/2 VIH VIL VIHo VILo IIL ZPD IIOSC 30 20 4.0 1.0 10 2.0 0.8
V V V V V V
A
Input High Voltage (ex OSC1) Input Low Voltage (ex OSC1) Input High Voltage (OSC1) Input Low Voltage (OSC1) Input Leakage Current Input Pulldown Impedance LOUT DIS and Precan Input Leakage Current for OSC1 Input
VIN=VSS to VDD
k
A
* Typical figures are at 25C and are for design aid only: not guaranteed and not subject to production testing. Parameters over recommended temperature & power supply voltage ranges. 9-148
Advance Information
AC Electrical Characteristics
Characteristics 1 2 3 4 5 6a 6b 7 8 9 10 11 O U T P U T S I N P U T S Input Voltage Input Current Input Impedance (LIN) (LIN) (LIN)
MT9171/72
- Voltages are with respect to ground (VSS) unless otherwise stated.
Sym VIN IIN ZIN fC TC DCC DCC CL
Min
Typ*
Max 5.0
Units Vpp
A
Test Conditions
-10 20 10.24 -100 40 45 0 50 50 33 8 500 100
+10 40
fBaud=160 kHz fBaud=160 kHz
k MHz
Crystal/Clock Frequency Crystal/Clock Tolerance Crystal/Clock Duty Cycle Crystal/Clock Duty Cycle Crystal/Clock Loading Output Capacitance Load Resistance Load Capacitance Output Voltage (LOUT)
+100 60 55 50
ppm % % pF pF k Normal temp. & VDD Recommended at max./ min. temp. & VDD From OSC1 & OSC2 to VSS.
Co RLout CLout 0.1 Vo 3.2
(LOUT) (VBias, VRef) (LOUT) (VBias, VRef) (LOUT)
20 4.3 4.6
pF F Vpp
Capacitance to VBias. RLout = 500, CLout = 20pF
Timing is over recommended temperature & power supply voltages. * Typical figures are at 25C and are for design aid only: not guaranteed and not subject to production testing. Duty cycle is measured at V DD /2 volts.
.
AC Electrical Characteristics - Clock Timing - DN Mode (Figures 16 & 17)
Characteristics 1 2 3 4 5 6 C4 Clock Period C4 Clock Width High or Low Frame Pulse Setup Time Frame Pulse Hold Time Frame Pulse Width 10.24 MHz Clock Jitter (wrt C4) Sym tC4P tC4W tF0S tF0H tF0W JC -15 50 50 244 +15 Min Typ* 244 122 Max Units ns ns ns ns ns ns Note 2 In Master Mode - Note 1 Test Conditions
Timing is over recommended temperature & power supply voltages. * Typical figures are at 25C and are for design aid only: not guaranteed and not subject to production testing. Notes: 1) When operating as a SLAVE the C4 clock has a 40% duty cycle. 2) When operating in MAS/DN Mode, the C4 and Oscillator clocks must be externally frequency-locked (i.e., F C =2.5xfC4). The relative phase between these two clocks ( in Fig. 17) is not critical and may vary from 0 ns to tC4P . However, the relative jitter must be less than JC (see Figure 17).
F0b C4
ST-BUS BIT CELLS
Channel 31 Channel 0 Bit 0 Bit 7
Channel 0 Bit 6
Figure 15 - C4 Clock & Frame Pulse Alignment for ST-BUS Streams
9-149
MT9171/72
tC4P 2.0V C4 0.8V tF0S tF0W F0 2.0V 0.8V tF0H tC4W
Advance Information
tC4W
Figure 16 - C4 Clock & Frame Pulse Alignment for ST-BUS Streams in DN Mode
2.0V 0.8V JC 3.0V OSC1 2.0V
C4
Figure 17 - Frequency Locking for the C4 and OSC1 Clocks in MAS/DN Mode
AC Electrical Characteristics - Clock Timing - MOD Mode (Figure 18)
80 kbit/s Characteristics 1 TCK/RCK Clock Period 2 TCK/RCK Clock Width 3 TCK/RCK Clock Transition Time 4 CLD to TCK Setup Time 5 CLD to TCK Hold Time 6 CLD Width Low 7 CLD Period Sym Min tCP tCW tCT tCLDS tCLDH tCLDW tCLDP Typ* 12.5 6.25 20 3.125 3.125 6.05 8xtCP Max Min Typ* 6.25 3.125 20 1.56 1.56 2.925 8xtCP Max s s ns s s s s CL=40pF 160 kbit/s Units Test Conditions
Timing is over recommended temperature & power supply voltage ranges. * Typical figures are at 25C, for design aid only: not guaranteed and not subject to production testing. tCP tCW 2.4V RCK 0.4V tCP 2.4V TCK 0.4V tCLDS tCLDW 2.4V CLD 0.4V tCLDH tCW tCT tCT
Note 1: TCK and CLD are generated on chip and provide the data clocks for the CD port and the transmit section of the DV port. RCK, also generated on chip, is extracted from the receive data and only clocks out the data at the Do output and may be skewed with respect to TCK due to end-to-end delay. Note 2: At the slave end TCK is phase locked to RCK. The rising edge of TCK will lead the rising edge of RCK by approximately 90o.
Figure 18 - RCK, TCK & CLD Timing For MOD Mode
9-150
Advance Information
AC Electrical Characteristics - Data Timing - DN Mode (Figure 19)
Characteristics 1 2 3a 3b DSTi/CDSTi Data Setup Time DSTi/CDSTi Data Hold Time DSTo/CDSTo Data Delay DSTo/CDSTo High Z to Data Delay Sym tRS tRH tTD tZTD Min 30 50 Typ* -10 10 60 60 120 140 Max Units ns ns ns ns
MT9171/72
Test Conditions
CL=40pF CL=40pF
Timing is over recommended temperature & power supply voltage ranges. * Typical figures are at 25C, for design aid only: not guaranteed and not subject to production testing. Bit Stream 2.0V C4 0.8V 2.0V 0.8V tTD tZTD DSTo CDSTo 2.4V 0.4V tRS tRH tTD
Bit Cell
DSTi CDSTi
Figure 19 - Data Timing For DN Mode
AC Electrical Characteristics - Data Timing - MOD Mode (Figure 20)
Characteristics 1 2 3 4 Di/CDi Data Setup Time Di/CDi Data Hold Time Do Data Delay Time CDo Data Delay Time Sym tDS tDH tRD tTD 80 kbit/s Min 150 4.5 70 70 Typ* 160 kbit/s Max Min 150 2.5 70 70 Typ* Max Units ns s ns ns CL=40pF CL=40pF Test Conditions
Timing is over recommended temperature & power supply voltage ranges. * Typical figures are at 25C, for design aid only: not guaranteed and not subject to production testing.
Performance Characteristics of the MT9171 DSIC
Characteristics 1 2 3 Allowable Attenuation for Bit Error Rate of 10-6 (Note 1) Line Length at 80 kbit/s -24 AWG -26 AWG Sym Afb L80 L160 Min 0 Typ* 30 3.0 2.2 3.0 2.2 Max 25 Units dB km km Test Conditions SNR16.5dB (300kHz bandlimited noise) attenuation - 6.9 dB/km attenuation - 10.0 dB/km attenuation - 8.0 dB/km attenuation - 11.5 dB/km
Line Length at 160 kbit/s -24 AWG -26 AWG
Performance Characteristics of the MT9172 DNIC
Characteristics 1 2 3 Allowable Attenuation for Bit Error Rate of 10-6 (Note 1) Line Length at 80 kbit/s -24 AWG -26 AWG Sym Afb L80 L160 Min 0 Typ* 40 5.0 3.4 4.0 3.0 Max 33 Units dB km km Test Conditions SNR16.5dB (300kHz bandlimited noise) attenuation - 6.9 dB/km attenuation - 10.0 dB/km attenuation - 8.0 dB/km attenuation - 11.5 dB/km
Line Length at 160 kbit/s -24 AWG -26 AWG
Note 1: Attenuation measured from Master L OUT to Slave LIN at 3/4baud frequency. * Typical figures are at 25C, for design aid only: not guaranteed and not subject to production testing. 9-151
MT9171/72
Advance Information
Figure 20 - Data Timing for Master Modem Mode
9-152
Advance Information
MT9171/72
TCK
2.4V 0.4V tDS 1/4 tCP tDH
Di CDI
2.0V 0.8V tTD tTD
CDo
2.4V 0.4V
RCK
2.4V Do 0.4V
Figure 21 - Data Timing for Slave Modem Mode
9-153
MT9171/72
Notes:
Advance Information
9-154


▲Up To Search▲   

 
Price & Availability of MT9171

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X